Part Number Hot Search : 
1002U AD581K FM301 RP200 A4982SLP 1S215PQ G619B MD5601
Product Description
Full Text Search
 

To Download FCT-130-03-S-D-01-RA-SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" fct, emt series www.samtec.com emt?130?01?s?d fct?120?03?l?d?01?ra?sl f-210 supplement note: some lengths, styles and options are non-standard, non-returnable. for complete speci cations and recommended pcb layouts see www.samtec.com?fct insulator material: black liquid crystal polymer terminal material: phosphor bronze current rating: 3a @ 80? ambient operating temp range: -55? to +105? with tin; -55? to +125? with gold plating: sn or au over 50? (1,27?) ni rohs compliant: ye s processing: max processing temp: 230? for 60 seconds or 260? for 20 seconds 3x with matte sn plating lead?free solderable: wave, or re ow with matte sn plating specifications ?ra option ?ra = right angle (leave blank for vertical version. style ?02 only) 20, 30 & 40 (call samtec for other sizes) ?01 = accepts (0,80mm) .031" thick card specify lead style from chart style ?03 1 fct plating option tail option dsl card slot no. pins per row lead style y card-to-board space (x) lead style (6,35) .250 (9,53) .375 ?02 ?03 (2,60) .1025 (5,78) .2275 mates with: emt (2,00) .0787 no. of positions x (2,00) .0787 + (18,19) .716 no. of positions x (2,00) .0787 + (13,87) .546 (3,20) .126 (2,00) .0787 (1,52) .060 typ (2,00) .0787 (2,29) .090 (3,81) .150 (2,54) .100 dia typ (38,10) 1.500 (44,45) 1.750 (38,10) 1.500 (2,29) .090 (1,14) .045 y y x x for complete speci cations and recommended pcb layouts see www.samtec.com?emt insulator material: black lcp contact material: becu current rating: 3a @ 80? ambient operating temp range: -55? to +125? plating: sn or au over 50? (1,27?) ni contact resistance: 10 m max insertion depth: (3,05mm) .120" to (3,30mm) .130" insertion force: -01=1.5oz (0,44n) average -51=2.5oz (0,70n) average withdrawal force: -01=1.1oz (0,31n) average -51=1.5oz (0,44n) average max processing temp: 230? for 60 seconds or 260? for 20 seconds 3x with matte sn plating lead?free solderable: yes, with matte sn plating smt lead coplanarity: (0,10mm) .004" max (20) (0,15mm) .006" max (30-40) rohs compliant: ye s specifications style ?02 mates with: fct plating option emt no. pins per row 1 ?l = 10" (0,25m) gold on contact, matte on tail ?s = 30" (0,76m) gold on contact, matte tin on tail 20, 30, 40 (call samtec for other sizes) d card thickness ?01 = (0,80mm) .031" thick board (low insertion force) ?51 = (0,80mm) .031" thick board (standard insertion force) note: some lengths, styles and options are non-standard, non-returnable. (0,81) .032 (2,74) .108 no. of positions x (2,00) .0787 + (3,56) .140 (2,00) .0787 (2,08) .082 (2,00) .0787 (0,51) .020 (4,00) .158 (5,46) .215 (3,56) .140 flexcard ? terminal & socket strips ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?s = 30" (0,76m) gold on post, matte tin on tail


▲Up To Search▲   

 
Price & Availability of FCT-130-03-S-D-01-RA-SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X